PART |
Description |
Maker |
AD8110ASTZ |
260 MHz, 16 x 8 Buffered Video Crosspoint Switch (Gain=1) 16-CHANNEL, CROSS POINT SWITCH, PQFP80
|
Analog Devices, Inc.
|
AN6448NFBP |
Speech Network IC Incorporating Cross-Point Switch
|
PANASONIC[Panasonic Semiconductor]
|
AN6477FBP |
Speech Network IC Incorporating Cross-Point Switch
|
Panasonic
|
MAX4549 MAX4549EAX-T |
Serially Controlled.Triple 3x2 Audio/Video Crosspoint Switches Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches 3-CHANNEL, CROSS POINT SWITCH, PDSO36
|
Maxim Integrated Products, Inc.
|
AD8108 AD8109 AD8108-EB AD8108AST AD8109-EB AD8109 |
325 MHz, 8 x 8 Buffered Video Crosspoint Switches ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 325兆赫 × 8的缓冲视频交叉点开 325 MHz, 8 x 8 Buffered Video Crosspoint Switches 8-CHANNEL, CROSS POINT SWITCH, PQFP80 325 MHz/ 8 x 8 Buffered Video Crosspoint Switches
|
Magnecraft Analog Devices, Inc.
|
CSR13G564JS M39003-01-8224 M39003-01-2254 M39003-0 |
LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-5675 Solid-Electrolyte TANTALEX Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 Solid-Electrolyte TANTALEX? Capacitors, Military MIL-PRF-39003/01 Qualified, Style CSR13 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8124 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-7123 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6033 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-2490 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-6229 LOADED FOR CROSS REF. ONLY MIL PN: M39003/01-8228
|
Vishay Sprague Vishay Siliconix
|
XTS5USBC410YFFR XTS5USBC410YFFT XTS5USBC412YFFR XT |
<font color=red>[Old version datasheet]</font> Dual 2:1 USB 2.0 Mux/DeMux or Single Ended Cross Switch with 16-V/20-V Overvoltage Protection
|
TI store
|
810-0105-D01 810-0205-Y02 |
Kotron? Model 810 RF Point Level Switch
|
Magnetrol International, Inc.
|
5962-01A1701Q9A 5962-01A1701QXC 5962-01A1701V9A 59 |
Tripple Point to Point IEEE1355 High Speed Controller. From old datasheet system Tripple Point to Point IEEE 1355 High Speed Controller
|
ATMEL[ATMEL Corporation] Atmel Corp.
|
MX1A-1XXX |
Black switch: Without pressure point, linear actuation - easy
|
Cherry Semiconductor Co...
|
PC3SF11YVZ04 PC3SF11YTZBF PC3SF11YXP PC3SF11YWP PC |
VDRM : 600V, Reinforced insulation type Non-zero cross type DIP 6pin Phototriac Coupler for triggering 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER LEAD FREE, PLASTIC, DIP-6/5 Non-zero cross type DIP 6pin Phototriac Coupler for triggering
|
Sharp Electrionic Components Sharp Electronics, Corp. SHARP ELECTRONICS CORP Sharp Electrionic Compo...
|
TC624EPA TC622VOA TC624COA TC622EAT TC622EOA TC622 |
Low Cost Single Trip Point Temperature Sensor Low Cost Single Trip Point Temperature Sensor 低成本的单跳变点温度传感 FOOT SWITCH 230VAC 3AMP OPTIONS 低成本的单跳变点温度传感 (TC622 / TC624) Low Cost Single Trip Point Temperature Sensor The TC622 and TC624 are programmable solid state temperature sensors designed to replace mechanical switches in sensing and control applications. Both devices integrate the temperature sensor with a voltage reference and all required detec
|
TelCom Semiconductor, Inc. MICROCHIP[Microchip Technology]
|